Part Number Hot Search : 
UPD7507H 2SD2103 T8976AP 74AC24 MP5006W 2SD2103 2SD2103 AKM4550
Product Description
Full Text Search
 

To Download CRCW04021002F100RT7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 30 d...-crcw vishay document number 20008 revision 28-apr-03 features metal glaze on high quality ceramic protective overglaze solder contacts on ni barrier layer excellent stability in different environmental conditions high volume product suitable for commercial and special applications thick film, rectangular chip resistors 1) 100ppm/k on request ask about further value ranges for low values see thick film rectangular low value resistors for high values see thick film rectangular high values. marking and packaging: see appropriate catalog or web pages for precision thick film crcw see thick film rectangular precision resistors power rating depends on the max. temperature at the solder point, the component placement density and the substrate material agpd or pd terminations for conductive adhesive attachment on request standard electrical specifications w voltage max inch metric cecc 40401-802/eia-575 v  ppm/k % ? crcw0201 0201 0525 0.05 30 200 5 10r?1m0 24 zero-ohm-resistor : r max = 20m ? i max = 1a d10 200 1) 1 1r0 ?9r76 24 + 96 crcw0402 0402 1005 0.063 50 100 1 10r ?10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 1a d11 200 1) 1 1r0 ?9r76 24 + 96 crcw0603 0603 1608 0.10 75 100 1 10r ?10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 1.5a d12 200 1) 1 1r0 ?9r76 24 + 96 crcw0805 0805 2012 0.125 150 100 1 10r - 10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 2a d25 200 1) 1 1r0 ?9r76 24 + 96 crcw1206 1206 3216 0.25 200 100 1 10r ?10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 2.5a 200 1) 1 1r0 ?9r76 24 + 96 crcw1210 1210 3225 0.33 200 100 1 10r ?1m0 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 2.5a 200 1) 1 1r0 ?9r76 24 + 96 crcw1218 1218 3246 1.0 200 100 1 10r ?2m2 24 + 96 200 5 1r0 ?2m2 24 zero-ohm-resistor : r max = 20m ? i max = 4a 200 1) 1 1r0 ? 9r76 24 + 96 crcw2010 2010 5025 0.5 400 100 1 10r ?10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 3a 200 1) 1 1r0 ? 9r76 24 + 96 crcw2512 2512 6332 1.0 500 100 1 10r ?10m 24 + 96 200 5 1r0 ?10m 24 zero-ohm-resistor : r max = 20m ? i max = 4a model size power rating limiting temperature tolerance resistance e-series p 70 c element coefficient range
for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 31 d...-crcw vishay document number 20008 revision 28-apr-03 thick film, rectangular, chip resistors size solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric a b l a b l 0201 0525 0.28 0.43 0.23 0402 1005 0.4 0.6 0.5 0603 1608 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 1.0 3.2 5.2 1.2 3.2 5.2 size dimensions [in millimeters] inch metric l w h t1 t2 0201 0525 0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.15 0.05 0402 1005 1.0 0,05 0.5 0.05 0.35 0.05 0.25 0.05 0.2. 0.1 0603 1608 1.55 0.85 0.1 0.45 0.05 0.3 0.2 0.3. 0.2 0805 2012 2.0 1.25 0.15 0.45 0.05 0.3 0.3. 0.2 1206 3216 3.2 1.6 0.15 0.55 0.05 0.45 0.2 0.4. 0.2 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4. 0.2 1218 3246 3.2 4.6 0.15 0.55 0.05 0.45 0.2 0.4. 0.2 2010 5025 5.0 0.15 2.5 0.15 0.6 0.05 0.6 0.2 0.6. 0.2 2512 6332 6.3 0.2 3.15 0.15 0.6 0.05 0.6 0.2 0.6. 0.2 + 0.10 ?0.05 + 0.20 ?0.10 + 0.20 ?0.10 + 0.10 ?0.20 + 0.10 ?0.20 dimensions 1) measuring conditions in acc. to cecc 40401 2) rated voltage: pxr 3) depending on solder pad dimensions ordering information d-series d11 100 562r 1% pn model tc resistance value tolerance packaging ppm / k ? % papertape 20000 pcs f = 1%, j = 5% crcw-series crcw 0603 5620 f 100 rt6 model size resistance value tolerance tc* packaging ? % 50ppm papertape 20000 pcs 1% = 3 sig. digits, plus multiplier 100ppm 5% = 2 sig. digits, plus multiplier 200ppm technical specifications parameter unit crcw0201 d10 d11 d12 d25 crcw1210 crcw1218 crcw2010 crcw2512 crcw0402 crcw0603 crcw0805 crcw1206 rated dissipation at 70 c w 0.05 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 (cecc 40401 | eia 575) limiting element voltage 2) v  30 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak 50 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance k/w 870 1) 550 1) 440 1) 220 1) 140 3) 3) 88 3) 65 3) insulation resistance ? > 10 9 category temperature range c - 55 / + 125 (+ 155) failure rate h ? 1.10 - 9 0.3 ?10 ? weight / 1000pcs g 0.17 0.65 2 5.5 10 16 29.5 25.5 40.5 example: 49r9f = 49.9 ? , 1% 5r1j = 5.1 ? , 5% 3011f = 3.01k ? , 1% 000z = 0 ? jumper *note: entering a tc value in this field is optional. if no tc is specified by the customer, the default tc will be highest listed for tolerance specified. d = 0.5% f = 1% j = 5%, z = 0 ? jumper
for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 32 d...-crcw vishay document number 20008 revision 28-apr-03 1) on request, 2) european / n.american packaging codes na = not available ?further information about packaging: see appropriate catalog or web page. model tape width diameter pieces / reel pitch paper 2) blister 2) pieces 1) code 2) d10 8mm 180mm / 7" 10000 2mm p0 / rt7 crcw0402 papertape 330mm / 13" 50000 2mm pz / rf4 50000 mz / b27 d11 8mm 180mm / 7" 5000 4mm p5 / rt1 b5/na crcw0603 paper-/ 255mm / 10" 10000 4mm p0 / rt5 25000 mu / b27 blistertape 330mm / 13" 20000 4mm pn / rt6 bn/na d12 8mm 180mm / 7" 5000 4mm p5 / rt1 b5/na crcw0805 paper-/ 255mm / 10" 10000 4mm p0 / rt5 10000 mo / b27 blistertape 330mm / 13" 20000 4mm pn / rt6 bn/na d25 8mm 180mm / 7" 5000 4mm p5 / rt1 b5/na crcw1206 paper-/ 255mm / 10" 10000 4mm p0 / rt5 blistertape 330mm / 13" 20000 4mm pn / rt6 bn/na 8mm 180mm / 7" 5000 4mm p5 / rt1 b5/na crcw1210 paper-/blistertape 330mm / 13" 20000 4mm pn / rt6 bn/na 12mm 180mm / 7" 4000 4mm b4 / rt9 crcw1218 blistertape 12mm 180mm / 7" 4000 4mm b4 / r02 crcw2010 blistertape 12mm 180mm / 7" 2000 8mm b2 / r67 crcw2512 blistertape 4000 4mm b4 / r82 packaging thick film, rectangular, chip resistors 110 100 90 80 70 60 50 40 30 20 10 100 1k 10k 100k 1m 10m non-linearity non-linearity a 3 in db resistance value in ? 1206 0805 0603 0402 100 1k 10k 100k 1m 10m current noise current noise in v/v resistance value in ? 0603 0805 1206 0402 derating 120 100 80 60 40 20 0 - 55 -25 0 25 50 75 100 125 150 175 ambient temperature in c rated power in % 70 temperature rise 90 80 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w temperature rise in c 0402 1206 0805 0603 100 10 1 0.1 eia* cecc* 1210 2010 2512 *there are differences in board layout and measurements between cecc and eia. reel bulk packaging code bulk feeding magazine pieces/magazine
for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 33 d...-crcw vishay document number 20008 revision 28-apr-03 thick film, rectangular, chip resistors d10 - crcw0402 1 5 10 50 100 500 1000 frequency f in mhz hf - performance 60 40 20 0 -20 - 40 -60 -80 phase angle ? ? ? ? ? in 1 5 10 50 100 500 1000 frequency f in mhz hf - performance 60 40 20 0 -20 - 40 -60 -80 phase angle ? ? ? ? ? in 1 5 10 50 100 500 1000 frequency f in mhz hf - performance 60 40 20 0 -20 - 40 -60 -80 phase angle ? ? ? ? ? in frequency f in mhz hf - performance 60 40 20 0 -20 - 40 -60 -80 izi - r 0 in % r0 1 5 10 50 100 500 1000 frequency f in mhz hf - performance 60 40 20 0 -20 - 40 -60 -80 1 5 10 50 100 500 1000 frequency f in mhz hf - performance izi - r 0 in % r0 60 40 20 0 -20 - 40 -60 -80 1 5 10 50 100 500 1000 frequency f in mhz hf - performance izi - r 0 in % r0 60 40 20 0 -20 - 40 -60 -80 1 5 10 50 100 500 1000 frequency f in mhz hf - performance izi - r 0 in % r0 d10 - crcw0402 10 ? 1 k ? 4.7 k ? 12 k ? d11 - crcw0603 1 ? 4.7 ? 10 ? 47 ? 100 ? 470 ? 1 k ? 4.7 k ? 10 k ? d12 - crcw0805 47 ? 100 ? 470 ? 1 ? 4.7 ? 10 ? 47 ? 100 ? 470 ? 1 k ? 10 k ? 4.7 k ? 10 ? 1 k ? 4.7 k ? 100 ? 470 ? 12 k ? d11 - crcw0603 1 ? 4.7 k ? 10 ? 100 ? 470 ? 1 k ? 4.7 k ? 10 k ? d12 - crcw0805 1 ? 4.7 k ? 10 ? 4.7 k ? 47 ? 1 k ? 10 k ? d25 - crcw1206 1 ? 4.7 k ? 10 ? 47 ? 470 ? 4.7 k ? 10 k ? 1 5 10 50 100 500 1000 60 40 20 0 -20 - 40 -60 -80 phase angle ? ? ? ? ? in d12 - crcw0805 1 ? 4.7 ? 10 ? 47 ? 100 ? 470 ? 1 k ? 10 k ? 4.7 k ?
for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 34 d...-crcw vishay document number 20008 revision 28-apr-03 d25 - crcw1206 d12 - crcw0805 d10 - crcw0402 d11 - crcw0603 10k 1 m 10 m 140 120 100 80 60 40 20 0 ? ? = f [ ? s ] parameter: ? u 20 40 60 80 100 120 140 160 180 load in w 0.01 0.1 1 20 40 60 80 100 120 140 160 180 film temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance change ? r/r % ? r/r (t) = f [ ? r/r (t = 1000h)] parameter : time 0.5 0.4 0.3 0.2 0.1 0 ? ? = f [p] parameter : size 140 120 100 80 60 40 20 0 film temperature ? s in c stability nomogram typical values (for handling see general explanations) resistance change [ ? r/r] in % after 1000h temperature rise in ? ? c ? ? = 20 c 40 c 60 c 80 c 100 c 120 c 140 c t = 100 000h 10 000h 5000h 2000h 1000h ? r/r [t = 1000 h] = f [ ? s] parameter: resistance value 0.25w 0.125w 0.0625w 120 100 80 60 40 20 1 2 3 5 7 10 2 3 5 7 100 2 3 5 7 60 80 100 120 140 surface temperature ? s [ c] number of mounted resistors [pcs] power rating as a function of packaging density (guideline ) ? u = 120 c ? u = 100 c ? u = 80 c ? u = 60 c ? u = 40 c ? u = 20 c ? ? = [ c] thick film, rectangular, chip resistors
for technical questions in europe contact : ff1aresistors@vishay.com for technical questions in americas/asia contact : ff2bresistors@vishay.com www.vishay.com 35 d...-crcw vishay document number 20008 revision 28-apr-03 applicable specifications cecc40000 / 40400 / 40401-004,-006,-007,-802 en140400 / iec 60115 ?1 eia-575 test conditions of test requirements in % 1) 0402 0805 1218 0201 0603 1206 2010 1210 2512 endurance test at 70 c 1000 hours at 70 c 1.5 hours "on" 0.5 hours "off" 1.0 0.5 1.0 3.0 iec 60115-1 4.25.1; eia-575 endurance at uct 1000 hours at 125 c without load 1.0 0.5 1.0 2.0 iec 60115-1 4.25.3 overload test short time overload, 2.5 x rated voltage or 2 x limiting element 0.25 0.25 0.5 1.0 iec 60115-1 4.13; eia-575 voltage. thermal shock rapid change between upper and lower category temperature 0.25 0.25 0.5 0.5 iec 60115-1 4.19; iec 60068-2-14; eia-575 damp heat steady state 56 days at 40 c and 93% relative humidity 1.0 0.5 1.0 < 2.0 iec 60115-1 4.24; iec 60068-2-3 resistance to soldering heat 10 seconds at 260 c solder bath temperature 0.25 0.25 0.5 1.0 iec 60115-1 4.18; iec 600 68-2-20; eia-575 performance thick film, rectangular, chip resistors 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse in t i s . pulse rating p 0 power rating p in watts 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse in t i s . pulse rating p p 70 1) limits for change of resistance at test acc. to cecc 0.01 0.1 1 10 100 1000 1206 2010 1218 2512 0805 0603 0402 secondary conditions: a) p p (peak pulse, single pulse b) u < 70 c) ?see diagram (max pulse voltage) power rating p in watts 1218 1206 0805 0603 0402 0.01 0.10 1 10 100 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse in t i s . maximum pulse voltage pulse voltage max in v 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 2512 2010 1206/1218 0805 0603 0402 secondary conditions: a) p p (permissible constant power @ + 70 c) b) u < 70 c) ?see diagram (max pulse voltage) secondary conditions: a) p see diagrams (pulse rating) b) u < 70


▲Up To Search▲   

 
Price & Availability of CRCW04021002F100RT7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X